PART |
Description |
Maker |
EF2-1.5NU EF2-1.5T EF2-1.5TNUX EF2-12NUH EF2-12TNU |
Ultra-low power/ compact and lightweight/ High breakdown voltage/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:24-SOIC; Interface Type:Serial POWER/ENERGY MEASURE, SMD, SSOP28; Pins, No. of:28; Case style:SSOP; Base number:5467; Termination Type:SMD RoHS Compliant: Yes Marker Strip; External Height:.135"; External Width:1.13"; Label Material:Vulcanized Fiber 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 CONNECTOR ACCESSORY 连接器附 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
|
NEC Corp. NEC, Corp.
|
CP2000AC54PE |
Compact Power Line Input: 100-120/200-240 Vac; Outputs: ±54 Vdc at 2000W; 5 Vdc at 4W
|
Lineage Power Corporation
|
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
F2015ERW F2019ERW F2028ERW |
Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
|
MicroPower Direct, LLC
|
F2004ERW F2008ERW F2029ERW F2002ERW F2005ERW F2007 |
Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
|
MicroPower Direct, LLC
|
SIM5-1212S SIM5-2405S SIM5-1205S SIM5-0505S SIM5-0 |
3 Watt Small-Input-Ranging Compact-Serie 3瓦特小输入测距紧凑型系列
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
ML105D-15RW ML105D-12RW ML148S-15RW ML124D-15RW ML |
Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MB1012SMRW-12RI4 MB1012DMRW-12RI4 MB1024SMRW-12RI4 |
EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
|
MicroPower Direct, LLC
|
PSA15LN3-050 PSA15LN3-090 PSA15LN3-120 PSA15LN3-03 |
15W Universal Input, Compact PCB, 3.3 to 24V DC 15W Universal Input, Compact PCB, 3.3 to 24V DC
|
Phihong USA Inc.
|
LBS12204 |
121.8MHz SAW Filter 2MHz Bandwidth
|
SIPAT Co,Ltd
|